Part Number Hot Search : 
10EDA10 GBU6M LS103 ANX5808 CS5180 MIP0223S SY10E111 G5U1118
Product Description
Full Text Search
 

To Download 74LVCH162373APAG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  industrial temperature range idt74lvch162373a 3.3v cmos 16-bit transparent d-type latch 1 october 2015 industrial temperature range the idt logo is a registered trademark of integrated device technology, inc. features: ? typical t sk(o) (output skew) < 250ps ? esd > 2000v per mil-std-883, method 3015; > 200v using machine model (c = 200pf, r = 0) ?v cc = 3.3v 0.3v, normal range ?v cc = 2.7v to 3.6v, extended range ? cmos power levels (0.4 w typ. static) ? all inputs, outputs, and i/o are 5v tolerant ? available in tssop package functional block diagram applications: ? 5v and 3.3v mixed voltage systems ? data communication and telecommunication systems drive features: ? balanced output drivers: 12ma ? low switching noise idt74lvch162373a description: the lvch162373a 16-bit transparent d-type latch is built using ad- vanced dual metal cmos technology. this high-speed, low-power latch is ideal for temporary storage of data. the lvch162373a can be used for implementing memory address latches, i/o ports, and bus drivers. the output enable and latch enable controls are organized to operate each device as two 8-bit latches or one 16-bit latch. flow-through organization of signal pins simplifies layout. all inputs are designed with hysteresis for improved noise margin. all pins of the lvch162373a can be driven from either 3.3v or 5v devices. this feature allows the use of this device as a translator in a mixed 3.3v/5v supply system. the lvch162373a has series resistors in the device output structure which will significantly reduce line noise when used with light loads. the driver has been developed to drive 12ma at the designated threshold levels. the lvch162373a has ?bus-hold? which retains the inputs? last state whenever the input goes to a high impedance. this prevents floating inputs and eliminates the need for pull-up/down resistors. 3.3v cmos 16-bit transparent d-type latch with 3-state outputs, 5 volt tolerant i/o, bus-hold 1 oe d c 1 le 1 d 1 1 q 1 to seven other channels 2 oe d c 2 le 2 d 1 2 q 1 to seven other channels 1 48 47 24 25 36 2 13 ? 2015 integrated device technology, inc. all rights reserved. product specifications subject to change without notice. dsc-4888/5
industrial temperature range 2 idt74lvch162373a 3.3v cmos 16-bit transparent d-type latch tssop top view pin configuration symbol description max unit v term terminal voltage with respect to gnd ?0.5 to +6.5 v t stg storage temperature ?65 to +150 c i out dc output current ?50 to +50 ma i ik continuous clamp current, ?50 ma i ok v i < 0 or v o < 0 i cc continuous current through each 100 ma i ss v cc or gnd absolute maximum ratings (1) note: 1. stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. note: 1. as applicable to the device type. symbol parameter (1) conditions typ. max. unit c in input capacitance v in = 0v 4.5 6 pf c out output capacitance v out = 0v 6.5 8 pf c i/o i/o port capacitance v in = 0v 6.5 8 pf capacitance (t a = +25c, f = 1.0mhz) notes: 1. h = high voltage level x = don?t care l = low voltage level z = high-impedance 2. output level before the indicated steady-state input conditions were established. inputs outputs x oe xle xdx xqx lhh h lhl l llx q (2) hxx z function table (each 8-bit section) (1) pin names description xdx data inputs (1) xle latch enable inputs (active high) x q x 3-state outputs x oe output enable inputs (active low) pin description note: 1. these pins have "bus-hold". all other pins are standard inputs, outputs, or i/os. 1 q 2 gnd v cc gnd gnd 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 40 41 42 43 44 45 46 47 48 1 1 q 1 1 oe 1 q 4 1 q 3 1 q 6 1 q 5 1 q 8 1 q 7 2 q 1 2 q 3 2 q 2 2 q 4 v cc 2 q 5 2 q 6 gnd 2 q 7 2 q 8 2 oe 1 d 2 gnd v cc gnd gnd 1 d 1 1 le 1 d 4 1 d 3 1 d 6 1 d 5 1 d 8 1 d 7 2 d 1 2 d 3 2 d 2 2 d 4 v cc 2 d 5 2 d 6 gnd 2 d 7 2 d 8 2 le
industrial temperature range idt74lvch162373a 3.3v cmos 16-bit transparent d-type latch 3 symbol param eter test conditions min. typ. (1) max. unit v ih input high voltage level v cc = 2.3v to 2.7v 1.7 ? ? v v cc = 2.7v to 3.6v 2 ? ? v il input low voltage level v cc = 2.3v to 2.7v ? ? 0.7 v v cc = 2.7v to 3.6v ? ? 0.8 i ih input leakage current v cc = 3.6v v i = 0 to 5.5v ? ? 5 a i il i ozh high impedance output current v cc = 3.6v v o = 0 to 5.5v ? ? 10 a i ozl (3-state output pins) i off input/output power off leakage v cc = 0v, v in or v o 5.5v ? ? 50 a v ik clamp diode voltage v cc = 2.3v, i in = ?18ma ? ?0.7 ?1.2 v v h input hysteresis v cc = 3.3v ? 100 ? mv i ccl quiescent power supply current v cc = 3.6v v in = gnd or v cc ?? 10 a i cch i ccz 3.6 v in 5.5v (2) ?? 10 i cc quiescent power supply current one input at v cc - 0.6v, other inputs at v cc or gnd ? ? 500 a variation dc electrical characteristics over operating range following conditions apply unless otherwise specified: operating condition: t a = ?40c to +85c notes: 1. typical values are at v cc = 3.3v, +25c ambient. 2. this applies in the disabled state only. bus-hold characteristics symbol parameter (1) test conditions min. typ. (2) max. unit i bhh bus-hold input sustain current v cc = 3v v i = 2v ? 75 ? ? a i bhl v i = 0.8v 75 ? ? i bhh bus-hold input sustain current v cc = 2.3v v i = 1.7v ? ? ? a i bhl v i = 0.7v ? ? ? i bhho bus-hold input overdrive current v cc = 3.6v v i = 0 to 3.6v ? ? 500 a i bhlo notes: 1. pins with bus-hold are identified in the pin description. 2. typical values are at v cc = 3.3v, +25c ambient.
industrial temperature range 4 idt74lvch162373a 3.3v cmos 16-bit transparent d-type latch note: 1. v ih and v il must be within the min. or max. range shown in the dc electrical characteristics over operating range table for the appropriat e v cc range. t a = ? 40c to + 85c. output drive characteristics symbol parameter test conditions (1) min. max. unit v oh output high voltage v cc = 2.3v to 3.6v i oh = ? 0.1ma v cc ? 0.2 ? v v cc = 2.3v i oh = ? 4ma 1.9 ? i oh = ? 6ma 1.7 ? v cc = 2.7v i oh = ? 4ma 2.2 ? i oh = ? 8ma 2 ? v cc = 3v i oh = ? 6ma 2.4 ? i oh = ? 12ma 2 ? v ol output low voltage v cc = 2.3v to 3.6v i ol = 0.1ma ? 0.2 v v cc = 2.3v i ol = 4ma ? 0.4 i ol = 6ma ? 0.55 v cc = 2.7v i ol = 4ma ? 0.4 i ol = 8ma ? 0.6 v cc = 3v i ol = 6ma ? 0.55 i ol = 12ma ? 0.8 operating characteristics, v cc = 3.3v 0.3v, t a = 25c symbol parameter test conditions typical unit c pd power dissipation capacitance per latch outputs enabled c l = 0pf, f = 10mhz ? pf c pd power dissipation capacitance per latch outputs disabled ? switching characteristics (1) v cc = 2.7v v cc = 3.3v 0.3v symbol parameter min. max. min. max. unit t plh propagation delay ? 6 1.6 5.3 ns t phl xdx to xqx t plh propagation delay ? 6.4 2.1 5.7 ns t phl xle to xqx t pzh output enable time ? 7.1 1.3 6.1 ns t pzl x oe to xqx t phz output disable time ? 7.7 2.5 7.3 ns t plz x oe to xqx t su set-up time high or low, xdx to xle 2.3 ? 2.3 ? ns t h hold time high or low, xdx after xle 1.6 ? 1.6 ? ns t w xle pulse width high 3.3 ? 3.3 ? ns t sk (o) output skew (2) ?? ? 500 ps notes: 1. see test circuits and waveforms. t a = ? 40c to + 85c. 2. skew between any two outputs of the same package and switching in the same direction.
industrial temperature range idt74lvch162373a 3.3v cmos 16-bit transparent d-type latch 5 open v load gnd v cc pulse generator d.u.t. 500 ? 500 ? c l r t v in v out (1, 2) lvc link input v ih 0v v oh v ol t plh1 t sk (x) output 1 output 2 t phl1 t sk (x) t plh2 t phl2 v t v t v oh v t v ol t sk (x) = t plh2 - t plh1 or t phl2 - t phl1 lvc link same phase input transition opposite phase input transition 0v 0v v oh v ol t plh t phl t phl t plh output v ih v t v t v ih v t lvc link data input 0v 0v 0v 0v t rem timing input asynchronous control synchronous control t su t h t su t h v ih v t v ih v t v ih v t v ih v t lvc link low-high-low pulse high-low-high pulse v t t w v t lvc link control input t plz 0v output normally low t pzh 0v switch closed output normally high enable disable switch open t phz 0v v lz v oh v t v t t pzl v load/2 v load/2 v ih v t v ol v hz lvc link test circuits and waveforms propagation delay test circuit for all outputs enable and disable times set-up, hold, and release times notes: 1. for t sk (o) output1 and output2 are any two outputs. 2. for t sk (b) output1 and output2 are in the same bank. definitions: c l = load capacitance: includes jig and probe capacitance. r t = termination resistance: should be equal to z out of the pulse generator. notes: 1. pulse generator for all pulses: rate 10mhz; t f 2.5ns; t r 2.5ns. 2. pulse generator for all pulses: rate 10mhz; t f 2ns; t r 2ns. output skew - t sk ( x ) pulse width note: 1. diagram shown for input control enable-low and input control disable-high. symbol v cc (1) = 3.3v0.3v v cc (1) = 2.7v v cc (2) = 2.5v0.2v unit v load 6 6 2 x vcc v v ih 2.7 2.7 vcc v v t 1.5 1.5 vcc / 2 v v lz 300 300 150 mv v hz 300 300 150 mv c l 50 50 30 pf test conditions switch position test switch open drain disable low v load enable low disable high gnd enable high all other tests open
industrial temperature range 6 idt74lvch162373a 3.3v cmos 16-bit transparent d-type latch ordering information xx lvc xxxx xx package device type temp. range xxx family bus-hold x blank 8 tube or tray tape and reel pag thin shrink small outline package - green 162 74 16-bit transparent d-type latch with 5 volt tolerant i/o -40c to +85c 373a bus-hold double-density with resistors, 12ma h corporate headquarters for sales: for tech support: 6024 silver creek valley road 800-345-7015 or 408-284-8200 logichelp@idt.com san jose, ca 95138 fax: 408-284-2775 www.idt.com datasheet document history 10/06/2015 pg. 1 ,2, 6 updated the ordering information by removing non rohs parts and adding tape and reel information.


▲Up To Search▲   

 
Price & Availability of 74LVCH162373APAG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X